Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGE1100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RGE1100
Description  Selection Guide and Product Data
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGE1100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RGE1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 8Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 9Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 10Page - List of Unclassifed Manufacturers RGE1100 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Environmental specifications
Resistance
Test
Test method
Conditions
change
Passive aging
Raychem PS300
–40
°C, 1000 hours
±5%
85
°C, 1000 hours
±5%
Humidity aging
Raychem PS300
85
°C, 85% R.H., 1000 hours
±5%
Thermal shock
Raychem PS300
85
°C, –40°C (10 times)
±5%
Solvent resistance
Raychem PS300, Method 215
MIL-STD-202, Method 215F
No change
Component layouts
The dimensions in the table below provide the component layout for
each RGE device.
Component layout dimensions (millimeters/
inches)
AB
Device
nom.
max.
RGE300
5.1
(0.20)
1.2
(0.05)
RGE400
5.1
(0.20)
1.4
(0.06)
RGE500
5.1
(0.20)
1.6
(0.06)
RGE600
5.1
(0.20)
1.6
(0.06)
RGE700
5.1
(0.20)
1.7
(0.07)
RGE800
5.1
(0.20)
1.8
(0.07)
RGE900
5.1
(0.20)
2.0
(0.08)
RGE1000
5.1
(0.20)
2.0
(0.08)
RGE1100
5.1
(0.20)
2.4
(0.09)
RGE1200
10.2
(0.40)
1.5
(0.06)
RGE1400
10.2
(0.40)
1.9
(0.07)
A
B
B
Raychem Circuit Protection Devices
RGE Devices
135
RGE
Radial Leaded
New
New
New
New
New
New
4
RGE(7)
1/15/99 11:17 AM
Page 135



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com