Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70741 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD70741
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70741 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD70741 Datasheet HTML 35Page - Renesas Technology Corp UPD70741 Datasheet HTML 36Page - Renesas Technology Corp UPD70741 Datasheet HTML 37Page - Renesas Technology Corp UPD70741 Datasheet HTML 38Page - Renesas Technology Corp UPD70741 Datasheet HTML 39Page - Renesas Technology Corp UPD70741 Datasheet HTML 40Page - Renesas Technology Corp UPD70741 Datasheet HTML 41Page - Renesas Technology Corp UPD70741 Datasheet HTML 42Page - Renesas Technology Corp UPD70741 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
µPD70741
37
8. SERIAL INTERFACE FUNCTION
8.1 Features
The V821 provides two transmission and reception channels as part of its serial interface function.
The two interface modes listed below are supported, one channel being provided for each mode. The two modes
operate independently of each other.
(1) Asynchronous serial interface (UART)
(2) Synchronous serial interface (CSI)
In UART mode, one-byte serial data is transmitted or received after a start bit, and full-duplex communication is
enabled.
In CSI mode, data is transferred using three signal lines (three-wire serial I/O): the serial clock (SCLK), serial input
(SI), and serial output (SO).
8.2 Asynchronous Serial Interface (UART)
8.2.1 Features
Transfer rate 110 bps to 38 400 bps
(when BRG is used with
φ = 25 MHz)
781 Kbps maximum
(when
φ/2 is used with φ = 25 MHz)
Full-duplex communication
Two-pin configuration TXD : Transmission data output pin
RXD : Reception data input pin
Reception error detection function
• Parity error
• Framing error
• Overrun error
Interrupt source (3 types)
• Reception error interrupt (INTSER)
• Reception completion interrupt (INTSR)
• Transmission completion interrupt (INTST)
The character length for transmission and reception data is specified upon ASIM reception.
Character length : 7 or 8 bits
9 bits (when an extended bit is used)
Parity function: Odd parity, even parity, zero parity, without parity
Transmission stop bit: 1 or 2 bits
On-chip baud rate generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com