Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502-HT Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2502-HT
Description  2-Port USB 2.0 Hub Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2502-HT Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2502-HT Datasheet HTML 5Page - SMSC Corporation USB2502-HT Datasheet HTML 6Page - SMSC Corporation USB2502-HT Datasheet HTML 7Page - SMSC Corporation USB2502-HT Datasheet HTML 8Page - SMSC Corporation USB2502-HT Datasheet HTML 9Page - SMSC Corporation USB2502-HT Datasheet HTML 10Page - SMSC Corporation USB2502-HT Datasheet HTML 11Page - SMSC Corporation USB2502-HT Datasheet HTML 12Page - SMSC Corporation USB2502-HT Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
2-Port USB 2.0 Hub Controller
Datasheet
SMSC USB2502
9
Revision 2.1 (12-06-06)
DATASHEET
Chapter 3 Pin Configuration 2-Port Hub
Figure 3.1 2-Port 36-Pin QFN
Thermal Slug
(must be connected to VSS)
SMSC
USB2502
(Top View QFN-36)
Indicates pins on the bottom of the device.
18
VDD18
17
VSS
16
SELF_PWR
15
OCS_N
14
PRTPWR
13
PRTPWR_POL
12
GR2/NON_REM1
11
GR1/NON_REM0
10
VSS
VDD33CR
28
VSS
29
XTAL1/CLKIN
31
VDDA18PLL
32
VDDA33PLL
33
VSS
36
RBIAS
35
ATEST/REG_EN
34
XTAL2
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com