Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT4NQ10LT Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PHT4NQ10LT
Description  N-channel TrenchMOS logic level FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT4NQ10LT Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PHT4NQ10LT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT4NQ10LT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PHT4NQ10LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 October 2011
3 of 13
NXP Semiconductors
PHT4NQ10LT
N-channel TrenchMOS logic level FET
Fig 1.
Safe operating area; continuous and peak drain
currents as a function of drain-source voltage
Fig 2.
Normalized continuous drain current as a
function of solder point temperature
Unclamped inductive load; VDD ≤ 15 V;
RGS = 50 Ω; VGS = 5 V; starting Tj = 25 °C and 125 °C.
Fig 3.
Normalized total power dissipation as a
function of solder point temperature
Fig 4.
Non-repetitive avalnche ruggednes current as a
function of pulse duration
03ac48
10-2
10-1
1
10
102
110
102
103
VDS
I
D
(A)
D.C.
100 ms
10 ms
1 ms
tp= 10 µs
100 µs
tp
tp
T
P
t
T
δ =
RDSon = VDS/ ID
Tsp (°C)
0
200
150
50
100
03aa25
40
80
120
Ider
(%)
0
Tsp (°C)
0
200
150
50
100
03aa17
40
80
120
Pder
(%)
0
03ac92
10−1
1
10
10−2
10−1
110
t p (ms)
IAS
(A)
Tj prior to avalanche = 125
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com