Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT6N06LT Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PHT6N06LT
Description  TrenchMOSÔ transistor Logic level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT6N06LT Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PHT6N06LT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT6N06LT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT6N06LT
Logic level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tsp)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tsp); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
sp = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-sp = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth / (K/W)
1E+02
3E+01
1E+01
3E+00
1E+00
3E-01
1E-01
3E-02
1E-02
0
0.5
0.2
0.1
0.05
0.02
D =
tp
tp
T
T
P
t
D
BUKX8150-55
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
02468
10
0
2
4
6
8
10
2.2
2.4
2.6
2.8
3.0
3.2
3.4
VGS = 3.6 V
3.8
4
5
10
Drain current, ID (A)
Drain-source voltage, VDS (V)
VDS/V
ID/A
1 us
10 us
100 us
1 ms
10 ms
100 ms
tp =
0.1
1
10
100
110
55
RDS(ON) = VDS/ID
DC
BUKX8150-55
123
4567
89
10
11
50
100
150
200
250
300
350
400 RDS(ON)mOhm
ID/A
5
4
3.6
3.4
3.2
3
January 1998
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com