Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT8N06LT Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PHT8N06LT
Description  TrenchMOSÔ transistor Logic level FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHT8N06LT Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHT8N06LT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PHT8N06LT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHT8N06LT
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode logic
SYMBOL
PARAMETER
MAX.
UNIT
level field-effect power transistor in a
plastic envelope suitable for surface
V
DS
Drain-source voltage
55
V
mounting. The device features very
I
D
Drain current
7.5
A
low on-state resistance and has
P
tot
Total power dissipation
1.8
W
integral zener diodes giving ESD
T
j
Junction temperature
150
˚C
protection. It is intended for use in
R
DS(ON)
Drain-source on-state
80
m
Ω
DC-DC
converters
and
general
resistance
V
GS = 5 V
purpose switching applications.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain (tab)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
13
V
I
D
Drain current (DC)
T
sp = 25 ˚C
-
7.5
A
I
D
Drain current (DC)
On PCB in Fig.2
-
3.5
A
T
amb = 25 ˚C
I
D
Drain current (DC)
On PCB in Fig.2
-
2.2
A
T
amb = 100 ˚C
I
DM
Drain current (pulse peak value)
T
sp = 25 ˚C
-
40
A
P
tot
Total power dissipation
T
sp = 25 ˚C
-
8.3
W
P
tot
Total power dissipation
On PCB in Fig.2
-
1.8
W
T
amb = 25 ˚C
T
stg, Tj
Storage & operating temperature
-
- 55
150
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage
(100 pF, 1.5 k
Ω)
d
g
s
4
1
23
January 1998
1
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com