Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16244-SL-R-ST-ELP-AM-6 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 16244-SL-R-ST-ELP-AM-6
Description  16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16244-SL-R-ST-ELP-AM-6 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  16244-SL-R-ST-ELP-AM-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16244
1.6 Input Signal Function
Pin NO.
Symbol
Level
Description
1
VSS
0V
Ground
2
VDD
5.0V
Supply voltage for logic
3
VO
---
Input voltage for LCD
4
RS
H/L
H : Data signal, L : Instruction signal
5
R/W
H/L
H : Read mode, L : Write mode
6
E
H, H → L
Chip enable signal
7
DB0
H/L
Data bit 0
8
DB1
H/L
Data bit 1
9
DB2
H/L
Data bit 2
10
DB3
H/L
Data bit 3
11
DB4
H/L
Data bit 4
12
DB5
H/L
Data bit 5
13
DB6
H/L
Data bit 6
14
DB7
H/L
Data bit 7
15
LED A(+)
4.2V
Back light anode
16
LED K (-)
0V
Back light cathode
1.7 LCM Contrast Control and Bias
PACIFIC DISPLAY DEVICES
11.07.2005
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com