Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8044 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8044
Description  Single-Channel 1206A ChipFET TM Power MOSFET Recommended Pad Pattern and Thermal Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8044 Datasheet(HTML) 2 Page - ON Semiconductor

  AND8044 Datasheet HTML 1Page - ON Semiconductor AND8044 Datasheet HTML 2Page - ON Semiconductor AND8044 Datasheet HTML 3Page - ON Semiconductor AND8044 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND8044/D
http://onsemi.com
2
EVALUATION BOARD FOR THE SINGLE 1206A
The ChipFET 1206A evaluation board measures 0.6 in
by 0.5 in. Its copper pad pattern consists of an increased pad
area around the six drain leads on the top–side –
approximately 0.0482 sq. in. 31.1 sq. mm – and vias added
through to the underside of the board, again with a
maximized
copper pad area of approximately the
board–size dimensions. The outer package outline is for the
8–pin DIP, which will allow test sockets to be used to assist
in testing.
The thermal performance of the 1206A on this board has
been measured with the results following on the next page.
The testing included comparison with the minimum
recommended footprint on the evaluation board–size pcb
and the industry standard one–inch square FR4 pcb with
copper on both sides of the board.
Figure 4. Evaluation Board
1206A
CHIPFET
™
D
D
D
G
D
D
D
S
Front of Board
Back of Board
ChipFET
t
THERMAL PERFORMANCE
Junction–to–Foot Thermal Resistance
(the Package Performance)
Thermal performance for the 1206A ChipFET measured
as junction–to–foot thermal resistance is 15
_C/W typical,
20
_C/W maximum for the single device. The “foot” is the
drain lead of the device as it connects with the body. This
is identical to the SO–8 package RθJF performance, a feat
made possible by shortening the leads to the point where
they become only a small part of the total footprint area.
Junction–to–Ambient Thermal Resistance
(dependent on pcb size)
The RθJA typical for the single–channel 1206A ChipFET
is 80
_C/W steady state, compared with 68_C/W for the
SO–8. Maximum ratings are 95
_C/W for the 1206–8
versus 80
_C/W for the SO–8.
Testing
To aid comparison further, Figure 5 illustrates ChipFET
1206A thermal performance on two different board sizes
and three different pad patterns. The results display the
thermal performance out to steady state and produce a
graphic account of how an increased copper pad area for the
drain connections can enhance thermal performance. The
measured steady state values of RθJA for the single 1206A
ChipFET are:
Minimum recommended pad pattern (see Figure 3)
on the evaluation board size of 0.5 in. x 0.6 in.
156
_C/W
The evaluation board with the pad pattern described
on Figure 4
111
_C/W
Industry standard 1
″ square pcb with maximum
copper both sides.
78
_C/W
The results show that a major reduction can be made in
the thermal resistance by increasing the copper drain area.
In this example, a 45
_C/W reduction was achieved without
having to increase the size of the board. If increasing board
size is an option, a further 33
_C/W reduction was obtained
by maximizing the copper from the drain on the larger 1
″
square pcb.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com