Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8044/D Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8044/D
Description  Single-Channel 1206A ChipFET TM Power MOSFET Recommended Pad Pattern and Thermal Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8044/D Datasheet(HTML) 1 Page - ON Semiconductor

  AND8044/D Datasheet HTML 1Page - ON Semiconductor AND8044/D Datasheet HTML 2Page - ON Semiconductor AND8044/D Datasheet HTML 3Page - ON Semiconductor AND8044/D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev.0
1
Publication Order Number:
AN8044/D
AND8044/D
Single-Channel 1206A
ChipFETt Power MOSFET
Recommended Pad Pattern
and Thermal Performance
INTRODUCTION
New ON Semiconductor ChipFETs in the leadless
1206A package feature the same outline as popular 1206A
resistors and capacitors but provide all the performance of
true power semiconductor devices. The 1206A ChipFET
has the same footprint as the body of the TSOP–6 and can
be thought of as a leadless TSOP–6 for purposes of
visualizing board area, but its thermal performance bears
comparison with the much large SO–8.
This
technical note discusses the single–channel
ChipFET 1206A pin–out, package outline, pad patterns,
evaluation board layout and thermal performance.
PIN–OUT
Figure 1 shows the pin–out description and Pin 1
identification for the single–channel 1206A ChipFET
device.
The
pin–out
is
similar
to
the
TSOP–6
configuration, with two additional drain pins to enhance
power dissipation and thermal performance. The legs of the
device are very short, again helping to reduce the thermal
path to the external heatsink/pcb and allowing a larger die
to be fitted in the device if necessary.
Figure 1. Single 1206A ChipFET
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. DRAIN
4. GATE
5. SOURCE
6. DRAIN
7. DRAIN
8. DRAIN
1
8
BASIC PAD PATTERNS
The basic pad layout with dimensions is shown in
Figure 2. This is sufficient for low power dissipation
MOSFET
applications,
but
power
semiconductor
performance requires a greater copper pad area, particularly
for the drain leads.
The minimum recommended pad pattern, shown in
Figure 3, improves the thermal area of the drain
connections (pins 1, 2, 3, 6, 7, 8) while remaining within the
confines of the basic footprint. The drain copper area is
0.0054 sq. in. or 3.51 sq. mm. This will assist the power
dissipation path away from the device (through the copper
leadframe) and into the board and exterior chassis (if
applicable) for the single device. The addition of a further
copper area and/or the addition of vias to other board layers
will enhance the performance still further. An example of
this method is implemented on the Evaluation Board
described in the next section (Figure 4).
Figure 2. Basic Pad Layout
Figure 3. Minimum Recommended Pad Pattern
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
26 mil
28 mil
80 mil
68 mil
28 mil
80 mil
25 mil
26 mil
18 mil
http://onsemi.com
APPLICATION NOTE


Similar Part No. - AND8044/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8048 ONSEMI-AND8048 Datasheet
42Kb / 8P
Dual P-Channel 1.8 V (G-S) MOSFET
April, 2001 ??Rev. 0
AND8048D ONSEMI-AND8048D Datasheet
42Kb / 8P
Dual P-Channel 1.8 V (G-S) MOSFET
April, 2001 ??Rev. 0
More results

Similar Description - AND8044/D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5402T1 ONSEMI-NTHS5402T1 Datasheet
206Kb / 8P
Power MOSFET N?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
logo
T-Global Technology
TG-A1250LC TGLOBAL-TG-A1250LC Datasheet
289Kb / 1P
High Performance Thermal Pad
Version18 20221122
TG-ALC TGLOBAL-TG-ALC Datasheet
295Kb / 1P
High Performance Thermal Pad
Version 18 20220718
TG-A6200LC TGLOBAL-TG-A6200LC Datasheet
315Kb / 1P
High Performance Thermal Pad
Version18 20221026
TG-A20KF TGLOBAL-TG-A20KF Datasheet
514Kb / 1P
High Performance Thermal Pad
20230721
TG-A20KX TGLOBAL-TG-A20KX Datasheet
506Kb / 1P
High Performance Thermal Pad
20230721
TG-A38KF TGLOBAL-TG-A38KF Datasheet
505Kb / 1P
High Performance Thermal Pad
20230721
TG-A38KX TGLOBAL-TG-A38KX Datasheet
509Kb / 1P
High Performance Thermal Pad
20230721
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com