Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2954-33-D08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM2954-33-D08-R
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-33-D08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  LM2954-33-D08-R Datasheet HTML 1Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 2Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 3Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 4Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 5Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 6Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-002.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Error Comparator
Output Leakage Current
ILEAK
VOH=30V
1
µA
Output Low Voltage
VOL
VIN=4.5V, IOL=400µA
250
mV
Upper Threshold Voltage
VTHD(UP)
(Note 3)
3.2
%VOUT
Lower Threshold Voltage
VTHD(LOW) (Note 3)
7.6
%VOUT
Hysteresis
VHYS
(Note 3)
15
mV
Shutdown Input
Low (Regulator ON)
1.3
0.70
Input Logic Voltage
VI(LOG)
High (Regulator OFF)
2.0
V
VSHDN=2.4V
30
50
µA
Shutdown Pin Input Current
II(SHDN)
VSHDN=30V
450
600
µA
Regulator Output Current Shutdown
IO(SHDN)
VSHDN≧2V,VIN≦30V, VOUT=0,
Feedback pin tied to 5V Tap.
3
10
µA
Note 1: Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense
(VOUT=5V) and VSHDN≦0.8V.
Note 2: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential.
Note 3: Comparator thresholds are expressed in terms of percentage value of voltage output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com