Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2954-33-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LM2954-33-S08-R
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-33-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LM2954-33-S08-R Datasheet HTML 1Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 2Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 3Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 4Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 5Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 6Page - Unisonic Technologies LM2954-33-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R102-002.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
-0.3 ~ +30
V
Feedback Voltage
VFB
-1.5 ~ +30
V
Shutdown Voltage
VSHDN
-0.3 ~ +30
V
Comparator Output Voltage
VOUT
-0.3 ~ +30
V
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage temperature
TSTG
-40 ~ +150
°C
Note: 1.Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃, characteristic and correlation with static process control.
ELECTRICAL CHARACTERISTICS(T
J=25°C, VIN=6V, IL=100µA, CL=1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
LM2954-3.3
3.23
3.3
3.37
Output Voltage
LM2954-5.0
VOUT
TJ=25°C
4.90
5.0
5.10
V
Output Voltage Temperature Coefficient
TCVO
20
100
ppm/
°C
Line Regulation
△VOUT 6V≦VIN≦30V
0.1
0.2
Load Regulation
△VOUT 100µA≦IL≦300 mA
0.2
0.5
%
IL=100mA
400
Dropout Voltage
VD
IL=200mA (note 2)
380
450
600
mV
IL=100µA
0.075
0.12
0.14
Ground Current
IGND
IL=200mA
8
12
14
mA
Dropout Ground Current
ID
VIN=4.5V,IL=100µA
110
170
200
µA
Current Limit
ILIMIT
VOUT=0
300
mA
CL=1µF
430
CL=200µF
160
Output Noise (10Hz to 100KHz)
eN
CL=3.3µF
100
µV
LM2954-ADJ For 8-Pin Version Only
Reference Voltage
VREF
1.22
1.235
1.25
V
Reference Voltage
VREF
VREF≤VOUT≤(VIN-1V),
2.3V
≤V
IN≤30V,
100
µA≤I
L≤100mA, TJ≤TJMAX
1.19
1.27
V
Feedback Pin Bias Current
IB(FB)
20
40
nA
Reference Voltage Temperature
Coefficient
TCVREF
50
ppm/
°C
Feedback Bias Current Temperature
Coefficient
TCIO
0.1
nA/
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com