Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619709 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1619709
Description  CA-12P1N128007 - Cable connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619709 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1619709 Datasheet HTML 1Page - PHOENIX CONTACT 1619709 Datasheet HTML 2Page - PHOENIX CONTACT 1619709 Datasheet HTML 3Page - PHOENIX CONTACT 1619709 Datasheet HTML 4Page - PHOENIX CONTACT 1619709 Datasheet HTML 5Page - PHOENIX CONTACT 1619709 Datasheet HTML 6Page - PHOENIX CONTACT 1619709 Datasheet HTML 7Page - PHOENIX CONTACT 1619709 Datasheet HTML 8Page - PHOENIX CONTACT 1619709 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1619709
cUL Recognized
Approval ID: E335019-20141210
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
48 V
6 A
- 18
-
UL Recognized
Approval ID: E335019-20141210
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
48 V
8 A
- 18
-
CA-12P1N128007 - Cable connector
1619709
https://www.phoenixcontact.com/us/products/1619709
Aug 1, 2023, 12:10 AM
Page 5 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com