Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6E Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T82RMY6E
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T82RMY6E Datasheet HTML 35Page - STMicroelectronics M41T82RMY6E Datasheet HTML 36Page - STMicroelectronics M41T82RMY6E Datasheet HTML 37Page - STMicroelectronics M41T82RMY6E Datasheet HTML 38Page - STMicroelectronics M41T82RMY6E Datasheet HTML 39Page - STMicroelectronics M41T82RMY6E Datasheet HTML 40Page - STMicroelectronics M41T82RMY6E Datasheet HTML 41Page - STMicroelectronics M41T82RMY6E Datasheet HTML 42Page - STMicroelectronics M41T82RMY6E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
M41T82 M41T83
Clock operation
39/58
3.8.2
Timer Flag (TF)
At the end of a timer countdown, TF is set to logic '1.' If both timer and alarm interrupts are
required in the application, the source of the interrupt can be determined by reading the flag
bits. The timer will auto-reload and continue to count down regardless of the state of TF bit
(or TI/TP bit). The TF bit is cleared by reading the Flags Register.
3.8.3
Timer Interrupt Enable (TIE, M41T83 only)
In Level mode (TI/TP = 0), when TF is asserted, the interrupt is asserted (if TIE = 1). To
clear the interrupt, the TF bit or the TIE bit must be reset.
3.8.4
Timer Enable (TE)
●
TE = 0
When the Timer Register (10h) is set to ‘0’, the timer is disabled.
●
TE = 1
The timer is enabled. TE is reset (disabled) on power-down. When re-enabled, the
counter will begin from the same value as when it was disabled.
3.8.5
TD1/0
These are the timer source clock frequency selection bits (see Table 11). These bits
determine the source clock for the countdown timer (see Table 12). When not in use, the
TD1 and TD0 bits should be set to ‘11’ (1/60Hz) for power saving.
Table 10.
Interrupt operation (bit TI/TP = 1)
Source clock (Hz)
IRQ(1) periods
1.
TF and IRQ1/FT/OUT become active simultaneously.
n(2) = 1
2.
n = loaded countdown timer value. The timer is stopped when n = 0.
n > 1
4096
1/8192
1/4096
64
1/128
1/64
11/64
1/64
1/60
1/64
1/64
Table 11.
Timer source clock frequency selection (244.1µs to 4.25 hrs)
TD1
TD0
Timer source clock frequency (Hz)
0
0
4096 (244.1µs)
0
1
64 (15.6ms)
10
1 (1s)
1
1
1/60 (60s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com