Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY83/122 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY83/122
Description  Silicon temperature sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY83/122 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY83/122 Datasheet HTML 1Page - NXP Semiconductors KTY83/122 Datasheet HTML 2Page - NXP Semiconductors KTY83/122 Datasheet HTML 3Page - NXP Semiconductors KTY83/122 Datasheet HTML 4Page - NXP Semiconductors KTY83/122 Datasheet HTML 5Page - NXP Semiconductors KTY83/122 Datasheet HTML 6Page - NXP Semiconductors KTY83/122 Datasheet HTML 7Page - NXP Semiconductors KTY83/122 Datasheet HTML 8Page - NXP Semiconductors KTY83/122 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2003 Sep 15
3
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY83 series
CHARACTERISTICS
Tamb =25 °C in liquid unless otherwise specified.
Notes
1. The thermal time constant is the time taken for the sensor to reach 63.2% of the total temperature difference.
For example, if a sensor with a temperature of 25
°C is moved to an environment with an ambient temperature of
100
°C, the time for the sensor to reach a temperature of 72.4 °C is the thermal time constant.
2. Inert liquid, e.g. FC43 manufactured by the 3M company.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R25
sensor resistance
Icont =1mA
KTY83/110
990
1010
KTY83/120
980
1020
KTY83/121
980
1000
KTY83/122
1000
1020
KTY83/150
950
1050
KTY83/151
950
1000
TC
temperature coefficient
0.76
%/K
R100/R25
resistance ratio
Tamb = 100 °C and 25 °C
1.65
1.67
1.69
R−55/R25
resistance ratio
Tamb = −55 °C and 25 °C
0.49
0.50
0.51
τ
thermal time constant; note 1
in still air
20
s
in still liquid; note 2
1
s
in flowing liquid; note 2
0.5
s
rated temperature range
−55
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com