Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-RDW6TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M34C02-RDW6TP
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RDW6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M34C02-RDW6TP Datasheet HTML 9Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 10Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 11Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 12Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 13Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 14Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 15Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 16Page - STMicroelectronics M34C02-RDW6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Device operation
13/31
3.6
Setting the Software Write-Protection
The M34C02-W has a hardware write-protection feature, using the Write Control (WC)
signal. This signal can be driven High or Low, and must be held constant for the whole
instruction sequence. When Write Control (WC) is held Low, the whole memory array
(addresses 00h to FFh) is write protected. When Write Control (WC) is held High, the write
protection of the memory array is dependent on whether software write-protection has been
set.
Software write-protection allows the bottom half of the memory area (addresses 00h to 7Fh)
to be permanently write protected irrespective of subsequent states of the Write Control
(WC) signal.
The write protection feature is activated by writing once to the Protection Register. The
Protection Register is accessed with the device select code set to 0110b (as shown in
Table 2), and the E2, E1 and E0 bits set according to the states being applied on the E2, E1
and E0 signals. As for any other write command, Write Control (WC) needs to be held Low.
Address and data bytes must be sent with this command, but their values are all ignored,
and are treated as Don’t Care. Once the Protection Register has been written, the write
protection of the first 128 Bytes of the memory is enabled, and it is not possible to unprotect
these 128 Bytes, even if the device is powered off and on, and regardless the state of Write
Control (WC).
When the Protection Register has been written, the M34C02-W no longer responds to the
device type identifier 0110b in either read or write mode.
Figure 7.
Result of setting the write protection
Default EEPROM memory area
state before write access
to the Protect Register
AI01936C
Standard
Array
FFh
Standard
Array
80h
7Fh
00h
Standard
Array
FFh
Write
Protected
Array
80h
7Fh
00h
State of the EEPROM memory
area after write access
to the Protect Register
Memory
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com