Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2102D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX2102D
Description  100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2102D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX2102D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2102D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MPX2102
Rev 5, 10/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
100 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2102/MPXV2102G series device is a silicon piezoresistive pressure
sensor providing a highly accurate and linear voltage output directly proportional to
the applied pressure. The sensor is a single, monolithic silicon diaphragm with the
strain gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
•
Temperature Compensated Over 0°C to +85°C
•
Easy-to-Use Chip Carrier Package Options
•
Available in Absolute, Differential and Gauge Configurations
•
Ratiometric to Supply Voltage
Application Examples
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Barometers
•
Altimeters
ORDERING INFORMATION
Device
Type
Options
Case No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV2102G SERIES)
Ported
Elements
Gauge, Side
Port, SMT
1369
MPXV2102GP
Trays
MPXV2102G
Differential,
Dual Port,
SMT
1351
MPXV2102DP
Trays
MPXV2102G
UNIBODY PACKAGE (MPX2102 SERIES)
Basic
Element
Absolute,
Differential
344
MPX2102A
MPX2102D
—
MPX2102A
MPX2102D
Ported
Elements
Differential,
Dual Port
344C
MPX2102DP
—
MPX2102DP
Absolute,
Gauge
344B
MPX2102AP
MPX2102GP
—
MPX2102AP
MPX2102GP
Absolute,
Gauge Axial
344F
MPX2102ASX
MPX2102GSX
—
MPX2102A
MPX2102D
Gauge,
Vacuum
344D
MPX2102GVP
—
MPX2102GVP
MPX2102
MPXV2102G
SERIES
0 TO 100 kPA (0 TO 14.5 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
MPX2102GP
CASE 1369-01
SMALL OUTLINE PACKAGES
MPXV2102DP
CASE 1351-01
UNIBODY PACKAGES
MPX2102ASX/GSX
CASE 344F-01
MPX2102AP/GP
CASE 344B-01
MPX2102DP
CASE 344C-01
MPX2102GVP
CASE 344D-01
MPX2102A/D
CASE 344-15
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
–VOUT
8
N/C
UNIBODY PACKAGE PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
3
VS
2
+VOUT
4
–VOUT


Similar Part No. - MPX2102D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2102D MOTOROLA-MPX2102D Datasheet
6Mb / 670P
Sensor
MPX2102DP MOTOROLA-MPX2102DP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX2102DP FREESCALE-MPX2102DP Datasheet
299Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102DP FREESCALE-MPX2102DP Datasheet
335Kb / 16P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102DP FREESCALE-MPX2102DP Datasheet
302Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPX2102D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2102 MOTOROLA-MPXM2102 Datasheet
98Kb / 8P
100 kpa ON - CHIP TEMPERATURE COMPENSATED AND CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2102 FREESCALE-MPXM2102 Datasheet
262Kb / 9P
100 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2100 NXP-MPX2100 Datasheet
185Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 10, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com