Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL15F1MARE Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST7FL15F1MARE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL15F1MARE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST7FL15F1MARE Datasheet HTML 17Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 18Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 19Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 20Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 21Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 22Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 23Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 24Page - STMicroelectronics ST7FL15F1MARE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
ST7L15, ST7L19
21/138
7 SUPPLY, RESET AND CLOCK MANAGEMENT
The device includes a range of utility features for
securing the application in critical situations (for
example, in case of a power brown-out) and re-
ducing the number of external components.
Main features
■ Clock Management
– 1 MHz internal RC oscillator (enabled by op-
tion byte
– 1 to 16 MHz External crystal/ceramic resona-
tor
– External Clock Input (enabled by option byte)
– PLL for multiplying the frequency by 8 or 4
(enabled by option byte). Only multiplying by 8
is available for ROM devices.
■ Reset Sequence Manager (RSM)
■ System Integrity Management (SI)
– main supply Low Voltage Detection (LVD)
with reset generation (enabled by option byte)
7.1 INTERNAL RC OSCILLATOR ADJUSTMENT
The device contains an internal RC oscillator with
an accuracy of 1% for a given device, temperature
and voltage range (4.5V to 5.5V). It must be cali-
brated to obtain the frequency required in the ap-
plication. This is done by the software writing a 10-
bit calibration value in the RCCR (RC Control Reg-
ister) and in the bits 6:5 in the SICSR (SI Control
Status Register).
Whenever the microcontroller is reset, the RCCR
returns to its default value (FFh), that is, each time
the device is reset, the calibration value must be
loaded in the RCCR. Predefined calibration values
are stored in EEPROM for 3.3V and 5V VDD sup-
ply voltages at 25°C, as shown in the following ta-
ble.
Note:
1. DEE0h, DEE1h, DEE2h, and DEE3h addresses are lo-
cated in a reserved area but are special bytes containing
also the RC calibration values which are read-accessible
only in user mode. If all the EEPROM data or Flash space
(including the RC calibration value locations) has been
erased (after the readout protection removal), then the
RC calibration values can still be obtained through these
four addresses.
For compatibility reasons with the SICSR register,
CR[1:0] bits are stored in the fifth and sixth position of the
DEE1 and DEE3 addresses.
Notes:
– In 38-pulse ICC mode, the internal RC oscillator
is forced as a clock source, regardless of the se-
lection in the option byte. For ST7L1 devices
which do not support the internal RC oscillator,
the “option byte disabled” mode must be used
(35-pulse ICC mode entry, clock provided by the
tool).
– For more information on the frequency and accu-
racy of the RC oscillator see “ELECTRICAL
CHARACTERISTICS” on page 98.
– To improve clock stability and frequency accura-
cy, it is recommended to place a decoupling ca-
pacitor, typically 100nF, between the VDD and
VSS pins as close as possible to the ST7 device.
– These bytes are systematically programmed by
ST, including on FASTROM devices.
Caution: If the voltage or temperature conditions
change in the application, the frequency may need
to be recalibrated.
Refer to application note AN1324 for information
on how to calibrate the RC frequency using an ex-
ternal reference signal.
RCCR
Conditions
ST7L1
Address
RCCRH0
VDD = 5V
TA = 25°C
fRC = 1 MHz
DEE0h1) (CR[9:2])
RCCRL0
DEE1h1) (CR[1:0])
RCCRH1
VDD = 3.3V
TA = 25°C
fRC = 1 MHz
DEE2h1) (CR[9:2])
RCCRL1
DEE3h1) (CR[1:0])
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com