Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-RMB1G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34C02-RMB1G
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RMB1G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34C02-RMB1G Datasheet HTML 2Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 3Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 4Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 5Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 6Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 9Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Summary description
M34C02-W, M34C02-L, M34C02-R
6/31
1
Summary description
The M34C02-W, M34C02-L and M34C02-R are 2Kbit serial EEPROM memory able to lock
permanently the data in its first half (from location 00h to 7Fh). This facility has been
designed specifically for use in DRAM DIMMs (dual interline memory modules) with Serial
Presence Detect. All the information concerning the DRAM module configuration (such as
its access speed, its size, its organization) can be kept write protected in the first half of the
memory.
This bottom half of the memory area can be write-protected using a specially designed
software write protection mechanism. By sending the device a specific sequence, the first
128 Bytes of the memory become permanently write protected. Care must be taken when
using this sequence as its effect cannot be reversed. In addition, the device allows the entire
memory area to be write protected, using the WC input (for example by tieing this input to
VCC).
These I2C-compatible electrically erasable programmable memory (EEPROM) devices are
organized as 256x8 bits.
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
I2C uses a two wire serial interface, comprising a bi-directional data line and a clock line.
The device carries a built-in 4-bit Device Type Identifier code (1010) in accordance with the
I2C bus definition to access the memory area and a second Device Type Identifier Code
(0110) to access the Protection Register. These codes are used together with three chip
enable inputs (E2, E1, E0) so that up to eight 2Kbit devices may be attached to the I²C bus
and selected individually.
The device behaves as a slave device in the I2C protocol, with all memory operations
synchronized by the serial clock. Read and Write operations are initiated by a START
condition, generated by the bus master. The START condition is followed by a Device Select
Code and RW bit (as described in Table 2), terminated by an acknowledge bit.
When writing data to the memory, the memory inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a STOP condition after an Ack for WRITE, and after a NoAck for READ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com