Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL19F1MCE Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7FL19F1MCE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MCE Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7FL19F1MCE Datasheet HTML 60Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 61Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 62Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 63Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 64Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 65Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 66Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 67Page - STMicroelectronics ST7FL19F1MCE Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
ST7L15, ST7L19
64/138
DUAL 12-BIT AUTORELOAD TIMER 4 (cont’d)
11.2.3.7 Force Update (available only on Flash
devices)
In order not to wait for the counterx overflow to
load the value into active DCRx registers, a pro-
grammable counterx overflow is provided. For
both counters, a separate bit is provided which
when set, starts the counters with the overflow val-
ue, that is FFFh. After overflow, the counters start
counting from their respective autoreload register
values.
These bits are FORCE1 and FORCE2 in the
ATCSR2 register. FORCE1 is used to force an
overflow on Counter 1 and FORCE2 is used for
Counter 2. These bits are set by software and re-
set by hardware after the respective counter over-
flow event has occurred.
This feature can be used at any time. All related
features such as PWM generation, Output Com-
pare, Input Capture and One Pulse can be used
this way.
Figure 47. Force Overflow Timing Diagram
11.2.4 Low Power Modes
11.2.5 Interrupts
Note: The CMP and AT4 IC events are connected
to the same interrupt vector. The OVF event is
mapped on a separate vector (see Interrupts chap-
ter). They generate an interrupt if the enable bit is
set in the ATCSR register and the interrupt mask
in the CC register is reset (RIM instruction).
FFF
ARRx
E04
E03
fCNTRx
CNTRx
FORCEx
FORCE2
FORCE1
ATCSR2 Register
Mode
Description
WAIT
No effect on AT timer
HALT
AT timer halted
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active
Halt
Overflow
Event
OVF1
OVFIE1
Yes
No
Yes
AT4 IC
Event
ICF
ICIE
No
CMP
Event
CMPFx
CMPIE
Overflow
Event2
OVF2
OVFIE2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com