Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R21 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1653ACPZ-R21
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R21 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1653ACPZ-R21 Datasheet HTML 15Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 16Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 17Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 18Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 19Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 20Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 21Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 22Page - Analog Devices ADP1653ACPZ-R21 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP1653
Rev. A | Page 19 of 24
4.5
0
0
HPLED CURRENT, 2 LED CASE (mA)
500
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
100
200
300
400
2.2μH + 20%
3.3μH+ 20%
OUT = 6.3V, VDD =3.2V
OUT = 8.3V, VDD =3.2V
OUT = 6.3V, VDD =4.2V
OUT = 8.3V, VDD =4.2V
OUT = 6.3V, VDD =3.2V
OUT = 8.3V, VDD =3.2V
OUT = 6.3V, VDD =4.2V
OUT = 8.3V, VDD =4.2V
Figure 31. Minimum Output Capacitance for L = 3.3 μH + 20% and
L = 2.2 μH + 20% for Two-LED Designs
4.0
0
0
500
HPLED CURRENT, 1 LED CASE (mA)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
50
100
150
200
250
300
350
400
450
2.2μH + 20%
OUT = 3.3V, VDD =3.2V
OUT = 4.3V, VDD =3.2V
OUT = 4.3V, VDD =4.2V
Figure 32. Minimum Output Capacitance for L = 2.2 μH + 20%
for One-LED Design
5.0
0
01
DC BIAS (V)
2
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2468
10
–40°C (10V)
+85°C (10V)
Figure 33. DC Bias Characteristic of a 10 V, 4.7 μF Ceramic Capacitor
PCB BOARD LAYOUT
Good PCB layout is important to maximize efficiency and to
minimize noise and electromagnetic interference (EMI). An
example PCB layout is shown in Figure 34. Refer to the
following guidelines for adjustment to the suggested layout.
The high current paths are shown in Figure 35. Place components
that are on high current paths first. To minimize large current
loops, place the input capacitor, inductor, Schottky diode, and
output capacitor as close as possible to each other and to the
ADP1653 using wide tracks (use shapes where possible).
Use separate analog and power ground planes. The analog ground
plane is used to ground the SETI, SETT, and SETF resistors and
for any digital connections (that is, INTF = 0 = AGND).
Use the power ground plane to ground the power components.
Connect the input capacitor, output capacitor, and the PGND pin
(Pin 12) to the PGND plane. If it is not possible to make the PGND
plane continuous, use a number of low inductance vias to connect
the planes. Connect the AGND and PGND planes at the paddle
or close to the paddle of the ADP1653.
The SETI, SETT, and SETF resistors set a small reference current
that generates the LED current. To minimize noise and current
error, connect the SETI, SETT, and SETF resistors as close as
possible to the ADP1653. Connect the other end of the resistors
directly to the AGND plane.
Connect the output capacitor to the high power LED(s), using
a wide, low resistance trace. Connect the bottom of the LED string
back to the HPLED pin (Pin 9) with a wide trace. The GND pin
(Pin 8) is connected to the source of the current regulator NFET.
Ensure that there is a low impedance back to the battery for the
high power LED current by connecting the GND pin to the PGND
plane with a low impedance via(s) close to the GND pin.
The OUT pin is used for soft start and contains a comparator
for overvoltage protection. Connect the output capacitor back
to the OUT pin (Pin 7) with a direct trace. The trace does not
need to be wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com