Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84WMQ6E Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST84WMQ6E
Description  3.0/3.3V I2C Serial RTC with Supervisory Functions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84WMQ6E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST84WMQ6E Datasheet HTML 16Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 17Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 18Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 19Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 20Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 21Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 22Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 23Page - STMicroelectronics M41ST84WMQ6E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
M41ST84W
20/29
Power-on Reset
The M41ST84W continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for trec after VCC passes VPFD(max).
The RST pin is an open drain output and an appro-
priate pull-up resistor should be chosen to control
rise time.
Reset Input (RSTIN)
The M41ST84W provides an independent input
which can generate an output reset. The duration
and function of this reset is identical to a reset gen-
erated by a power cycle. Table 6., page 20 and
Figure 17., page 20 illustrate the AC reset charac-
teristics of this function. Pulses shorter than tRLRH
will not generate a reset condition. RSTIN is inter-
nally pulled up to VCC through a 100kΩ resistor.
Figure 17. RSTIN Timing Waveform
Note: With pull-up resistor
Table 6. Reset AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6V (except where noted).
2. Pulse width less than 50ns will result in no RESET (for noise immunity).
3. Programmable (see Table 8., page 22)
Symbol
Parameter(1)
Min
Max
Unit
tRLRH
(2)
RSTIN Low to RSTIN High
200
ns
tRHRSH
(3)
RSTIN High to RST High
40
200
ms
AI03682
RST
(1)
RSTIN
tRLRH
tRHRSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com