Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75N75L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 75N75L-TN3-R
Description  75Amps, 75Volts N-CHANNEL POWER MOSTFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  75N75L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 75N75L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-097,A
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ (℃)
-50
50
200
*Note:
1. VGS=0V
2. ID=250µA
100
150
1.2
Breakdown Voltage Variation vs.
Junction Temperature
0
1.1
1.0
0.9
0.8
-100
50
100
150
3.0
On-Resistance Variation vs.
Junction Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
Junction Temperature, TJ (℃)
*Note:
1. VGS=10V
2. ID=3.5A
-50
200
10
1
0.1
Drain-Source Voltage, VD (V)
Maximum Safe Operating
1
100
Case Temperature, TC (℃)
75
100
150
70
Maximum Drain Current vs. Case
Temperature
0
125
50
25
20
50
10
100
1000
DC
Operation in This
Area by RDS(ON)
*Note:
1. Tc=25℃
2. TJ=150℃
3. Single Pulse
10ms
1ms
100µs
10
30
40
60
0.01
Square Wave Pulse Duration, t1 (sec)
1
1E-5
1
0.1
0.1
10
0.01
Transient Thermal Response Curve
0.02
0.1
0.2
1E-4 1E-3 0.01
*Note:
1. ZθJC (t) = 0.88℃/W Max.
2. Duty Factor , D=t1/t2
3. TJ -TC=PDM×ZθJC (t)
Single pulse
D=0.5
0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com