Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IRFP250
Description  High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP250 Datasheet(HTML) 1 Page - IXYS Corporation

  IRFP250 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - IRFP250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP250 STMICROELECTRONICS-IRFP250 Datasheet
255Kb / 8P
N-CHANNEL 200V - 0.073ohm - 33A TO-247 PowerMesh II MOSFET
Sep-2000
logo
Samsung semiconductor
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
logo
Fairchild Semiconductor
IRFP250 FAIRCHILD-IRFP250 Datasheet
669Kb / 8P
200V N-Channel MOSFET
logo
International Rectifier
IRFP250 IRF-IRFP250 Datasheet
493Kb / 8P
N-Channel(Hexfet Transistors)
IRFP250 IRF-IRFP250 Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
More results

Similar Description - IRFP250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFC350 IXYS-IRFC350 Datasheet
45Kb / 1P
N-Channel Enhancement Mode High Ruggedness Series
logo
NXP Semiconductors
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
AFT05MS003N NXP-AFT05MS003N Datasheet
1Mb / 20P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 8/2015
AFT05MS004N NXP-AFT05MS004N Datasheet
1Mb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
AFT05MS006N NXP-AFT05MS006N Datasheet
996Kb / 23P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 2/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
AFT09MS007N NXP-AFT09MS007N Datasheet
1Mb / 28P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 4/2014
AFT09MS015N NXP-AFT09MS015N Datasheet
861Kb / 18P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 7/2014
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com