Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9495F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC9495F
Description  Digital Servo Single Chip Processor Built in 1 Bit DA Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9495F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC9495F Datasheet HTML 9Page - Toshiba Semiconductor TC9495F Datasheet HTML 10Page - Toshiba Semiconductor TC9495F Datasheet HTML 11Page - Toshiba Semiconductor TC9495F Datasheet HTML 12Page - Toshiba Semiconductor TC9495F Datasheet HTML 13Page - Toshiba Semiconductor TC9495F Datasheet HTML 14Page - Toshiba Semiconductor TC9495F Datasheet HTML 15Page - Toshiba Semiconductor TC9495F Datasheet HTML 16Page - Toshiba Semiconductor TC9495F Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TC9495F
2002-01-11
13
Analog Circuit Characteristics
1.
A/D Converter
Characteristics
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Resolution
¾
¾
¾
8
¾
bit
FE
¾
176.4
¾
TE
¾
176.4
¾
SBAD
¾
88.2
¾
Sampling frequency
RFRP
¾
XI
= 16.9344 MHz
¾
176.4
¾
kHz
Conversion input range
¾
Ex. VSS = 0 V, 2VREF = 4.2 V
0.15
´
2VREF
¾
0.85
´
2VREF
V
2.
D/A Converter (focus, tracking equalizer output)
Characteristics
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Bit number
¾
¾
¾
5
¾
bit
Sampling frequency
¾
¾
¾
2.8
¾
MHz
Output signal range
¾
¾
AVSS
¾
2VREF
V
3.
PLL Filter Amp.
Characteristics
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input/output signal range
¾
¾
VSS
¾
2VREF
V
Frequency characteristics
¾
-3 dB point, RNF = 15 kW
2
4
¾
MHz
4.
VCO (PLL)
Characteristics
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Center oscillation frequency
¾
LPFO
= VREF,
VCOREF
= VREF
¾
34.6
¾
MHz
¾
VCOREF
= VREF,
VCOGSL
= “H”
±40
±50
¾
Frequency variation range
¾
VCOREF
= VREF,
VCOGSL
= “L”
¾
±40
¾
%
upper limit
¾
¾
1.0
VCOREF terminal
input voltage range
lower limit
¾
VREF reference
-0.5
¾
¾
V
5.
TEZI Signal Comparator
Characteristics
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input range
¾
¾
VSS
¾
2VREF
V
Input amplitude
¾
¾
1.0
¾
3.5
Vp-p
Hysteresis voltage
¾
VREF reference
¾
100
¾
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com