Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16876 Datasheet(PDF) 13 Page - NEC

Part # UPD16876
Description  SINGLE Pch HIGH-SIDE SWITCH FOR USB
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16876 Datasheet(HTML) 13 Page - NEC

Back Button UPD16876 Datasheet HTML 9Page - NEC UPD16876 Datasheet HTML 10Page - NEC UPD16876 Datasheet HTML 11Page - NEC UPD16876 Datasheet HTML 12Page - NEC UPD16876 Datasheet HTML 13Page - NEC UPD16876 Datasheet HTML 14Page - NEC UPD16876 Datasheet HTML 15Page - NEC UPD16876 Datasheet HTML 16Page - NEC UPD16876 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet S14288EJ1V0DS
13
µµµµPD16876
MAJOR CHARACTERISTIC CURVES (Unless otherwise specified, TA = 25
°°°°C, VIN = 5 V)
400
300
200
100
0
140
120
100
80
60
40
20
0
Total Power Dissipation PT vs. Ambient Temperature TA
Output On-Resistance RON vs. Ambient Temperature TA
Current Consumption IDD vs. Ambient Temperature TA
Current Consumption IDD vs. Supply Voltage VIN
Ambient temperature TA (
°C)
Ambient temperature TA (
°C)
−40
0
−20
0
204060
80
40
80
120
200
160
140
120
100
80
60
40
20
0
Ambient temperature TA (
°C)
−20
0
204060
80
Ambient temperature TA (
°C)
−20
20
060
40
80
100
80
60
40
20
0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Current Consumption (Standby) IDD vs. Ambient Temperature TA
0.10
0.08
0.06
0.04
0.02
0.00
Supply voltage (V)
Current Consumption (Standby) IDD vs. Supply Voltage VIN
0.10
0.08
0.06
0.04
0.02
0.00
Output On-Resistance RON vs. Supply Voltage VIN
TA = 25
°C
250
200
150
100
50
0
Supply voltage (V)
2.0
3.0
4.0
5.0
6.0
7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com