Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1D02065K Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # B1D02065K
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B1D02065K Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

  B1D02065K Datasheet HTML 1Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 2Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 3Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 4Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 5Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 6Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B1D02065K
SiC Schottky Diode
Rev. 1.2
6 / 7
www.basicsemi.com
Package Dimensions
θ2
5°
1°
3°
9.15
10.16
D1
SYMBOL
MIN
NOM
MAX
mm
A
A1
-
-
-
3.84
2.50 REF
7°
A2
b
b2
c
D
D2
E
E1
e
H1
L
6.30
6.50
L1
-
L2
φ
P
Q
θ1
4.77
1.40
2.89
0.96
1.47
0.48
15.75
9.25
12.88
10.36
8.89
13.70
4.10
2.94
3.99
9°
4.37
1.22
2.49
0.75
1.22
0.30
15.15
9.05
11.40
9.86
6.86
4.98
6.10
2.54
3.70
5°
12.70
-
4.57
2.69
-
15.45
-
5.08
5.18
-
-
-
E
b2
b
A
A1
A2
c
ΦP
θ2
e
E1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com