Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT10PK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT10PK
Description  10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT10PK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT10PK Datasheet HTML 1Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 2Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 3Page - List of Unclassifed Manufacturers AT10PK Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Frequency Specifications
AT10 Series
* A = Attenuation
Model
Nominal
Impedance
Nominal
Attenuation
Frequency
Range
Attenuation Flatness
dB max.
Return Loss
dB min.
VSWR max.
50
Ω
75
Ω
50
Ω
75
Ω
600
Ω0
600
Ω0
0.2
0.3
0.2
0.3
0.2
0.3
0.2
0.3
0.3
0.3
0.3
0.15
0.4
0.15
0.4
0.3
0.3
0.3
0.2
0.2
18
14
17
13
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
DC ~ 100kHz
DC ~ 100kHz
DC ~ 100kHz
1.29
1.50
1.33
1.58
20
16
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
1.22
1.38
23
17
20
16
1.15
1.33
1.22
1.38
20
16
1.15
1.38
23
20.8
20.8
23
14
21
13
1.15
1.20
1.20
1.15
1.50
1.20
1.58
19
12
1.25
1.67
20
19
1.22
1.25
17
1.33
23
20.8
20.8
1.15
1.20
1.20
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
DC ~ 300MHz
DC ~ 500MHz
DC ~ 250MHz
DC ~ 250MHz
DC ~ 250MHz
DC ~ 100kHz
DC ~ 100kHz
DC ~ 100kHz
6.5dB
12dB
20dB
6.5dB
12dB
20dB
6.5dB
12dB
6.5dB
12dB
20dB
6.5dB
12dB
6.5dB
12dB
20dB
20dB
20dB
AT10P &
AT10PK
AT10S
A*= 0 ~10dB:
0.2
A*= 10 ~ 20dB:
2.0
A*= 0 ~10dB:
0.3
A*= 10 ~ 20dB:
4.5
A*= 0 ~10dB:
0.2
A*= 10 ~ 20dB:
2.0
A*= 0 ~10dB:
0.3
A*= 10 ~ 20dB:
4.5
A*= 0 ~13dB:
0.15
A*=13 ~ 20dB:
0.7
A*= 0 ~13dB:
0.4
A*=13 ~ 20dB:
3.0
A*= 0 ~14dB:
0.25
A*=14 ~ 20dB:
1.3
103



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com