Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT244 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ACT244
Description  Octal Buffer/Line Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ACT244 Datasheet(HTML) 4 Page - ON Semiconductor

  ACT244 Datasheet HTML 1Page - ON Semiconductor ACT244 Datasheet HTML 2Page - ON Semiconductor ACT244 Datasheet HTML 3Page - ON Semiconductor ACT244 Datasheet HTML 4Page - ON Semiconductor ACT244 Datasheet HTML 5Page - ON Semiconductor ACT244 Datasheet HTML 6Page - ON Semiconductor ACT244 Datasheet HTML 7Page - ON Semiconductor ACT244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC244, MC74ACT244
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3)
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
6.5
9.0
1.5
10.0
ns
3–5
tPLH
Data to Output
5.0
1.5
5.0
7.0
1.0
7.5
ns
3–5
tPHL
Propagation Delay
3.3
2.0
6.5
9.0
2.0
10.0
ns
3–5
tPHL
Data to Output
5.0
1.5
5.0
7.0
1.0
7.5
ns
3–5
tPZH
Output Enable Time
3.3
2.0
6.0
10.5
1.5
11.0
ns
3–7
tPZH
Output Enable Time
5.0
1.5
5.0
7.0
1.5
8.0
ns
3–7
tPZL
Output Enable Time
3.3
2.5
7.5
10.0
2.0
11.0
ns
3–8
tPZL
Output Enable Time
5.0
1.5
5.5
8.0
1.5
8.5
ns
3–8
tPHZ
Output Disable Time
3.3
3.0
7.0
10.0
1.5
10.5
ns
3–7
tPHZ
Output Disable Time
5.0
2.5
6.5
9.0
1.0
9.5
ns
3–7
tPLZ
Output Disable Time
3.3
2.5
7.5
10.5
2.5
11.5
ns
3–8
tPLZ
Output Disable Time
5.0
2.0
6.5
9.0
2.0
9.5
ns
3–8
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
74ACT
74ACT
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
g
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = –50 µA
g
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
–
3.86
3.76
V
IOH
–24 mA
5.5
–
4.86
4.76
IOH
–24 mA
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
–
0.36
0.44
V
IOL
24 mA
5.5
–
0.36
0.44
IOL
24 mA
IIN
Maximum Input
55
–
±01
±10
µA
VI =VCC GND
Leakage Current
5.5
–
±0.1
±1.0
µA
VI = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
–
1.5
mA
VI = VCC – 2.1 V
IOZ
Maximum
VI (OE) = VIL, VIH
3–State
C
5.5
–
±0.5
±5.0
µA
VI = VCC, GND
Current
VO = VCC, GND
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
–
–
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–
–
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
–
80
80
µA
VIN =VCC or GND
Q
Supply Current
5.5
–
8.0
80
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com