Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3002C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH3002C
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002C Datasheet(HTML) 5 Page - STMicroelectronics

  STTH3002C Datasheet HTML 1Page - STMicroelectronics STTH3002C Datasheet HTML 2Page - STMicroelectronics STTH3002C Datasheet HTML 3Page - STMicroelectronics STTH3002C Datasheet HTML 4Page - STMicroelectronics STTH3002C Datasheet HTML 5Page - STMicroelectronics STTH3002C Datasheet HTML 6Page - STMicroelectronics STTH3002C Datasheet HTML 7Page - STMicroelectronics STTH3002C Datasheet HTML 8Page - STMicroelectronics STTH3002C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STTH3002C
Ordering information scheme
5/11
2
Ordering information scheme
Figure 9.
Dynamic parameters versus
junction temperature
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under each tab (Epoxy printed
circuit board FR4, eCU = 35 µm) for
D2PAK
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
IRM
Qrr
T (°C)
j
Qrr;I
[T ]/Qrr;I
[T =125°C]
RM
j
RM
j
I =15A
F
V =160V
R
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
S
(cm²)
CU
R
(° C/W)
th(j-a)
STTH 30 02 Cxx
Ultrafast switching diode
Average forward current
30 = 30 A
02 = 200 V
CT = TO-220AB
CW = TO-247
CG = D PAK
CR = I
2
2PAK
CPI = TOP3I
Repetitive peak reverse voltage
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com