Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3208 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3208 Datasheet HTML 1Page - Texas Instruments TAS3208 Datasheet HTML 2Page - Texas Instruments TAS3208 Datasheet HTML 3Page - Texas Instruments TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
DVSS1
1
/VREG_EN
2
STEST
3
Test
4
Test
5
GPIO4
6
GPIO3
7
MCLKOUT
8
LRCLKOUT
9
SCLKOUT
10
SDOUT1
11
12
DVDD2
13
VR_DIG1
14
DVSS2
15
SPDIF_IN
16
Test
17
Test
18
Test
19
Test
20
SDIN3
21
SDIN2
22
SDIN1
23
LRCLKIN
24
SCLKIN
25
75
V1P5_REF
74
BG_REF
73
BIAS_REF
72
AVSS_ADC/REF
71
AVDD_ADC
70
LINEIN10R
69
LINEIN10L
68
AVSS_LI
67
LINEIN9R
66
LINEIN9L
65
AVDD_LI
64
LINEIN8R
63
LINEIN8L
62
AVSS_LI
61
LINEIN7R
60
LINEIN7L
59
AVDD_LI
58
LINEIN6R
57
LINEIN6L
56
AVSS_LI
55
LINEIN5R
54
LINEIN5L
53
AVDD_LI
52
LINEIN4R
51
LINEIN4L
DVSS1
1
/VREG_EN
2
STEST
3
4
5
GPIO4
6
GPIO3
7
MCLKOUT
8
LRCLKOUT
9
SCLKOUT
10
SDOUT1
11
12
DVDD2
13
VR_DIG1
14
DVSS2
15
SPDIF_IN
16
17
18
19
20
SDIN3
21
SDIN2
22
SDIN1
23
LRCLKIN
24
SCLKIN
25
75
V1P5_REF
74
BG_REF
73
BIAS_REF
72
AVSS_ADC/REF
71
AVDD_ADC
70
LINEIN10R
69
LINEIN10L
68
AVSS_LI
67
LINEIN9R
66
LINEIN9L
65
AVDD_LI
64
LINEIN8R
63
LINEIN8L
62
AVSS_LI
61
LINEIN7R
60
LINEIN7L
59
AVDD_LI
58
LINEIN6R
57
LINEIN6L
56
AVSS_LI
55
LINEIN5R
54
LINEIN5L
53
AVDD_LI
52
LINEIN4R
51
LINEIN4L
SDOUT 2/ SPDIFOUT
DESCRIPTION/ORDERING INFORMATION
TAS3208
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
SLES201A – JANUARY 2007 – REVISED FEBRUARY 2007
TQFP PACKAGE
(TOP VIEW)
The TAS3208 is an audio SOC designed for digital TV Audio Systems and Mini/Micro Component applications.
TAS3208 has a programmable audio DSP that preserves high-quality audio by using a 48-bit data path, 28-bit
filter coefficients, and a single-cycle 28 times 48-bit multiplier. The programmability feature allows users to
customize features in the DSP RAM.
The TAS3208 is composed of seven functional blocks.
• Clock and Serial Data Interface
• Analog Input and Output
• 8051 WARP Controller, Serial Control Interface and Device Control
• Audio DSP – Digital Audio Processing
• Power Supply
• Internal References
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
TQFP – YZP
TBD
TAS3208YZPR
TBD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com