Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP33 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMP33
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP33 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMP33 Datasheet HTML 1Page - Vishay Siliconix SMP33 Datasheet HTML 2Page - Vishay Siliconix SMP33 Datasheet HTML 3Page - Vishay Siliconix SMP33 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88481
26-Jul-06
Vishay General Semiconductor
SMP11 thru SMP36A
Note:
(1) V(BR) measured after IT applied for 300 µs, IT = suqare wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
V(BR) AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN
MAX
SMP11
AY
12.2
14.9
1.0
11
1.0
19.9
20.1
SMP11A
AZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMP12
BD
13.3
16.3
1.0
12
1.0
18.2
22.0
SMP12A
BE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMP13
BF
14.4
17.6
1.0
13
1.0
16.8
23.8
SMP13A
BG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMP14
BH
15.6
19.1
1.0
14
1.0
15.5
25.8
SMP14A
BK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMP15
BL
16.7
20.4
1.0
15
1.0
14.9
26.9
SMP15A
BM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMP16
BN
17.8
21.8
1.0
16
1.0
13.9
28.8
SMP16A
BP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMP17
BQ
18.9
23.1
1.0
17
1.0
13.1
30.5
SMP17A
BR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMP18
BS
20.0
24.4
1.0
18
1.0
12.4
32.2
SMP18A
BT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMP20
BU
22.2
27.1
1.0
20
1.0
11.2
35.8
SMP20A
BV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMP22
BW
24.4
29.8
1.0
22
1.0
10.2
39.4
SMP22A
BX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMP24
BY
26.7
32.6
1.0
24
1.0
9.3
43.0
SMP24A
BZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMP26
CD
28.9
35.3
1.0
26
1.0
8.6
46.6
SMP26A
CE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMP28
CF
31.1
38.0
1.0
28
1.0
8.0
50.0
SMP28A
CG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMP30
CH
33.3
40.7
1.0
30
1.0
7.5
53.5
SMP30A
CK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMP33
CL
36.7
44.9
1.0
33
1.0
6.8
59.0
SMP33A
CM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMP36
CN
40.0
48.9
1.0
36
1.0
6.2
64.3
SMP36A
CP
40.0
44.2
1.0
36
1.0
6.9
58.1
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMP11A-E3/84A
0.024
84A
3000
7" Diameter Plastic Tape & Reel
SMP11A-E3/85A
0.024
85A
10000
13" Diameter Plastic Tape & Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com