Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP33A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMP33A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP33A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMP33A Datasheet HTML 1Page - Vishay Siliconix SMP33A Datasheet HTML 2Page - Vishay Siliconix SMP33A Datasheet HTML 3Page - Vishay Siliconix SMP33A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number 88481
26-Jul-06
www.vishay.com
3
SMP11 thru SMP36A
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
Non-repetitive Pulse
Waveform shown in Fig. 3
TA = 25 °C
0.2 x 0.2" (0.5 x 0.5 mm)
Copper Pad Areas
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
td - Pulse Width (s)
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ = Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
td
tr = 10 µsec
Peak Value
IPPM
Half Value -
IPPM
IPP
2
10/1000 µsec Waveform
as defined by R.E.A.
TJ = 25 °C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
150
100
50
0
0
1.0
2.0
3.0
4.0
t - Time (ms)
Tj = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage, VWM
10000
1000
100
100
10
10
VWM - Reverse Stand-off Voltage (V)
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
DO-220AA (SMP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com