Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16244-SL-R-ST-ELP-AM-12 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 16244-SL-R-ST-ELP-AM-12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16244-SL-R-ST-ELP-AM-12 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 14Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 15Page - List of Unclassifed Manufacturers 16244-SL-R-ST-ELP-AM-12 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16244
4. RELIABILITY
4. RELIABILITY
Environmental Test
Environmental Test
No
.
Test Item
Content of Test
Test Condition
Applicable
Standard
1
High temperature
storage
Endurance test applying the high storage
temperature for a long time.
80
°C
200 hrs
------
2
Low temperature
storage
Endurance test applying the low storage
temperature for a long time.
-30
°C
200 hrs
------
3
High temperature
operation
Endurance test applying the electric stress
(Voltage & Current) and the thermal stress to
the element for a long time.
70
°C
200 hrs
------
4
Low temperature
operation
Endurance test applying the electric stress
under low temperature for a long time.
-20
°C
200 hrs
------
5
High temperature
/
Humidity storage
Endurance test applying the high temperature
and high humidity storage for a long time.
80
°C , 90 %RH
96 hrs
MIL-202E-103B
JIS-C5023
6
High temperature
/
Humidity operation
Endurance test applying the electric stress
(Voltage & Current) and temperature
/ humidity
stress to the element for a long time.
70
°C , 90 %RH
96 hrs
MIL-202E-103B
JIS-C5023
7
Temperature cycle
Endurance test applying the low and high
temperature cycle.
-20
°C / 70°C
10 cycles
------
Mechanical Test
8
Vibration test
Endurance test applying the vibration during
transportation and using.
10
∼22Hz → 1.5mmp-p
22
∼500Hz → 1.5G
Total 0.5hrs
MIL-202E-201A
JIS-C5025
JIS-C7022-A-10
9
Shock test
Constructional and mechanical endurance test
applying the shock during transportation.
50G Half sign
wave 1l msedc
3 times of each direction
MIL-202E-213B
10
Atmospheric
pressure test
Endurance test applying the atmospheric
pressure during transportation by air.
115 mbar
40 hrs
MIL-202E-105C
Others
11
Static electricity test
Endurance test applying the electric stress to the
terminal.
VS=800V , RS=1.5 k
Ω
CS=100 pF
1 time
MIL-883B-
3015.1
25
°C
5min.
1
70
°C
30min.
-20
°C
30min.
∗∗∗ Supply voltage for logic system = VDD. Supply voltage for LCD system = Operating voltage at 25°C
LCD Panel Service Life
Definition of panel service life
•
100,000 hours minimum at 25° C ±10%
•
Contrast becomes 30% of initial value
•
Current consumption becomes three times higher than initial value
•
Remarkable alignment deterioration occurs in LCD cell layer
•
Unusual operation occurs in display functions
PACIFIC DISPLAY DEVICES
11.07.2005
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com