Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST380CH06C2LPBF Datasheet(PDF) 4 Page - International Rectifier

Part # ST380CH06C2LPBF
Description  PHASE CONTROL THYRISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST380CH06C2LPBF Datasheet(HTML) 4 Page - International Rectifier

  ST380CH06C2LPBF Datasheet HTML 1Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 2Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 3Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 4Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 5Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 6Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 7Page - International Rectifier ST380CH06C2LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST380CHPbF Series
Bulletin I25227 09/06
4
www.irf.com
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
CH = Ceramic Puk, High temperature
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
C = Puk Case TO-200AB (E-PUK)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads)
1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads)
2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads)
3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/µsec (Standard selection)
L
= 1000V/µsec (Special selection)
9
-
Lead Free
ΔR
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Device Code
5
1
2
3
4
ST
38
0
CH
06
C
1
PbF
7
6
8
Single Side Double Side Single Side Double Side
180°
0.010
0.011
0.007
0.007
T
J
= T
J
max.
120°
0.012
0.012
0.012
0.013
90°
0.015
0.015
0.016
0.017
K/W
60°
0.022
0.022
0.023
0.023
30°
0.036
0.036
0.036
0.037
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Ordering Information Table
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com