Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 5 Page - STMicroelectronics

  L6598_04 Datasheet HTML 1Page - STMicroelectronics L6598_04 Datasheet HTML 2Page - STMicroelectronics L6598_04 Datasheet HTML 3Page - STMicroelectronics L6598_04 Datasheet HTML 4Page - STMicroelectronics L6598_04 Datasheet HTML 5Page - STMicroelectronics L6598_04 Datasheet HTML 6Page - STMicroelectronics L6598_04 Datasheet HTML 7Page - STMicroelectronics L6598_04 Datasheet HTML 8Page - STMicroelectronics L6598_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L6598
(*) Guaranted by design
Figure 4. EN2 Timing Diagrams
Figure 5. EN1 Timing Diagrams
GBW
Sense Op Amp Gain Band
Width Product (*)
0.5
1
MHz
Gdc
DC Open Loop Gain
60
80
dB
COMPARATORS
Vthe1
8
Enabling Comparator Threshold
0.56
0.6
0.64
V
Vthe2
9
Enabling Comparator Threshold
1.05
1.2
1.35
V
tpulse
8,9
Minimum Pulse lenght
200
ns
Table 6. Electrical Characteristcs (continued)
(VS = 12V; VBOOT - VOUT = 12V; Tamb = 25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
TSS
fstart
fmin
EN2
VCss
fOUT
TSS
D98IN889
EN1
EN2
LVG
HVG
D98IN890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com