Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7905C Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7905C
Description  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7905C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7905C Datasheet HTML 7Page - STMicroelectronics L7905C Datasheet HTML 8Page - STMicroelectronics L7905C Datasheet HTML 9Page - STMicroelectronics L7905C Datasheet HTML 10Page - STMicroelectronics L7905C Datasheet HTML 11Page - STMicroelectronics L7905C Datasheet HTML 12Page - STMicroelectronics L7905C Datasheet HTML 13Page - STMicroelectronics L7905C Datasheet HTML 14Page - STMicroelectronics L7905C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
L7900 series
Application information
11/24
5
Application information
1.
To specify an output voltage, substitute voltage value for "XX".
2.
Required for stability. For value given, capacitor must be solid tantalum. If aluminium electrolytics are used,
at least ten times value should be selected. C1 is required if regulator is located an appreciable distance
from power supply filter.
3.
To improve transient response. If large capacitors are used, a high current diode from input to output
(1N4001 or similar) should be introduced to protect the device from momentary input short circuit.
(*) Against potential latch-up problems.
Figure 3.
Fixed output regulator
Figure 4.
Split power supply (± 15V - 1 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com