Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926D1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6926D1
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926D1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6926D1 Datasheet HTML 9Page - STMicroelectronics L6926D1 Datasheet HTML 10Page - STMicroelectronics L6926D1 Datasheet HTML 11Page - STMicroelectronics L6926D1 Datasheet HTML 12Page - STMicroelectronics L6926D1 Datasheet HTML 13Page - STMicroelectronics L6926D1 Datasheet HTML 14Page - STMicroelectronics L6926D1 Datasheet HTML 15Page - STMicroelectronics L6926D1 Datasheet HTML 16Page - STMicroelectronics L6926D1 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
L6926
14/17
Figure 5.
VFQFPN8 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.0315 0.0354 0.0394
A1
0.02
0.05
0.0008 0.0020
A2
0.70
0.0276
A3
0.20
0.0079
b
0.18
0.23
0.30
0.0071 0.0091 0.0118
D
3.00
0.1181
D2
2.23
2.38
2.48
0.0878 0.0937 0.0976
E
3.00
0.1181
E2
1.49
1.64
1.74
0.0587 0.0646 0.0685
e
0.50
0.0197
L
0.30
0.40
0.50
0.0118 0.0157 0.0197
ddd
0.08
0.0031
VFQFPN8 (3x3x1.0 8mm)
Very thin Fine pitch Quad Packages No lead
7426334 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com