Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16244-SL-R-ET-LED-RD-12 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 16244-SL-R-ET-LED-RD-12
Description  16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16244-SL-R-ET-LED-RD-12 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 16244-SL-R-ET-LED-RD-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 10Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 11Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 12Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 13Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 14Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 15Page - List of Unclassifed Manufacturers 16244-SL-R-ET-LED-RD-12 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16244
PACIFIC DISPLAY DEVICES
11.07.2005
16
•
To prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment.
o
Be sure to ground the body when handling the LCD modules.
o
Tools required for assembling, such as soldering irons, must be properly grounded.
o
To reduce the amount of static electricity generated, do not conduct assembling and other work under dry
conditions.
o
The LCD module is coated with a film to protect the display surface. Exercise care when peeling off this
protective film since static electricity may be generated.
Storage
•
When storing the LCD modules, avoid exposure to direct sunlight or to the light of fluorescent lamps
•
Store the module in a dark place where the temperature is 25
oC ±10 oC and the humidity below 65% RH.
•
Do not store the module near organic solvents or corrosive gases.
•
Do not crush, shake, or jolt the module (including accessories).
Cleaning
•
Do not wipe the polarizing plate with a dry cloth, as it may scratch the surface.
•
Wipe the module gently with soft cloth soaked with a petroleum benzene.
•
Do not use ketonic solvents (ketone and acetone) or aromatic solvents (toluene and xylene), as they may damage the
polarizing plate.
Others:
•
Liquid crystals solidify under low temperature (below the storage temperature range) leading to defective orientation
or the generation of air bubbles (black or white). Air bubbles may also be generated if the module is subject to a low
temperature.
•
If the LCD modules have been operating for a long time showing the same display patterns, the display patterns may
remain on the screen as ghost images and a slight contrast irregularity may also appear. A normal operating status can
be regained by suspending use for some time. It should be noted that this phenomenon does not adversely affect
performance reliability.
•
To minimize the performance degradation of the LCD modules resulting from destruction caused by static electricity
etc., exercise care to avoid holding the following sections when handling the modules.
-
Exposed area of the printed circuit board.
-
Terminal electrode sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com