Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2011SN Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ2011SN
Description  Gas Gauge IC for High Discharge Rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2011SN Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ2011SN Datasheet HTML 13Page - Texas Instruments BQ2011SN Datasheet HTML 14Page - Texas Instruments BQ2011SN Datasheet HTML 15Page - Texas Instruments BQ2011SN Datasheet HTML 16Page - Texas Instruments BQ2011SN Datasheet HTML 17Page - Texas Instruments BQ2011SN Datasheet HTML 18Page - Texas Instruments BQ2011SN Datasheet HTML 19Page - Texas Instruments BQ2011SN Datasheet HTML 20Page - Texas Instruments BQ2011SN Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
bq2011
Serial Communication Timing Specification (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tCYCH
Cycle time, host to bq2011
3
-
-
ms
See note
tCYCB
Cycle time, bq2011 to host
3
-
6
ms
tSTRH
Start hold, host to bq2011
5
-
-
ns
tSTRB
Start hold, bq2011 to host
500
-
-
µs
tDSU
Data setup
-
-
750
µs
tDH
Data hold
750
-
-
µs
tDV
Data valid
1.50
-
-
ms
tSSU
Stop setup
-
-
2.25
ms
tSH
Stop hold
700
-
-
µs
tSV
Stop valid
2.95
-
-
ms
tB
Break
3
-
-
ms
tBR
Break recovery
1
-
-
ms
Note:
The open-drain DQ pin should be pulled to at least VCC by the host system for proper DQ operation.
DQ may be left floating if the serial interface is not used.
DQ
(R/W "1")
tSTRH
tSTRB
tDSU
tDH
tDV
tSV
tSSU
tSH
tCYCH, tCYCB, tB
tBR
DQ
(R/W "0")
DQ
(BREAK)
Serial Communication Timing Illustration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com