Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPQ080 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 30CPQ080
Description  30CPQ080/30CPQ100 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

30CPQ080 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  30CPQ080 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 30CPQ080 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 30CPQ080 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 30CPQ080 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0679, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
30CPQ080
30CPQ100
30CPQ080/30CPQ100 SCHOTTKY RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
80(30CPQ080)
100(30CPQ100)
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=140°C,
rectangular wave form
15(Per Leg)
A
30(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse, TC = 25 C
280
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max. Units
Forward Voltage Drop
(Per Leg)*
VF1
@ 15A, Pulse, TJ = 25 C
@ 30A, Pulse, TJ = 25 C
0.76
-
0.86
1.05
V
VF2
@ 15A, Pulse, TJ = 125 C
@ 30A, Pulse, TJ = 125 C
0.60
-
0.67
0.81
V
Reverse Current
(Per Leg)*
IR1
@VR = rated VR
TJ = 25 C
0.0003
0.55
mA
IR2
@VR = rated VR
TJ = 125 C
0.2
7.0
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
400
500
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
175 C TJ operation
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Center tap configuration
TO-247AD


Similar Part No. - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
SCHOTTKY RECTIFIER 30 Amp
30CPQ080 IRF-30CPQ080 Datasheet
217Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30CPQ080 VISHAY-30CPQ080 Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 15 A
22-Aug-08
logo
Sangdest Microelectroni...
30CPQ080 SMC-30CPQ080 Datasheet
226Kb / 5P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
30CPQ080 ISC-30CPQ080 Datasheet
300Kb / 2P
Schottky Rectifier
More results

Similar Description - 30CPQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com