Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4518B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4518B
Description  DUAL BCD UP COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4518B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4518B_02 Datasheet HTML 1Page - STMicroelectronics HCF4518B_02 Datasheet HTML 2Page - STMicroelectronics HCF4518B_02 Datasheet HTML 3Page - STMicroelectronics HCF4518B_02 Datasheet HTML 4Page - STMicroelectronics HCF4518B_02 Datasheet HTML 5Page - STMicroelectronics HCF4518B_02 Datasheet HTML 6Page - STMicroelectronics HCF4518B_02 Datasheet HTML 7Page - STMicroelectronics HCF4518B_02 Datasheet HTML 8Page - STMicroelectronics HCF4518B_02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4518B
2/11
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK A
Clock A input
2
ENABLE A
Enable A Input
7
RESET A
Reset A Input
3, 4, 5, 6
Q1A to Q4A Data Outputs
9
CLOCK B
Clock B input
10
ENABLE B
Enable B Input
15
RESET B
Reset B Input
11,12,13,14
Q1B to Q4B Data Outputs
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CLOCK
ENABLE
RESET
ACTION
H
L
INCREMENT COUNTER
L
L
INCREMENT COUNTER
X
L
NO CHANGE
X
L
NO CHANGE
L
L
NO CHANGE
H
L
NO CHANGE
X
X
H
Q1 THRU Q4 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com