Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VME6P Datasheet(PDF) 39 Page - STMicroelectronics

Part # M25P64-VME6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VME6P Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M25P64-VME6P Datasheet HTML 35Page - STMicroelectronics M25P64-VME6P Datasheet HTML 36Page - STMicroelectronics M25P64-VME6P Datasheet HTML 37Page - STMicroelectronics M25P64-VME6P Datasheet HTML 38Page - STMicroelectronics M25P64-VME6P Datasheet HTML 39Page - STMicroelectronics M25P64-VME6P Datasheet HTML 40Page - STMicroelectronics M25P64-VME6P Datasheet HTML 41Page - STMicroelectronics M25P64-VME6P Datasheet HTML 42Page - STMicroelectronics M25P64-VME6P Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
M25P64
Initial delivery state
39/49
8
Initial delivery state
The device is delivered with the memory array erased: all bits are set to 1 (each byte
contains FFh). The Status Register contains 00h (all Status Register bits are 0).
9
Maximum rating
Stressing the device outside the ratings listed in Table 9 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the Operating sections of this specification, is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 9.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering
See note (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU
°C
VIO
Input and Output Voltage (with respect to Ground)
–0.5
VCC +
0.6
V
VCC
Supply Voltage
–0.2
4.0
V
VPP
Fast Program/Erase Voltage
–0.2
10.0
V
VESD
Electrostatic Discharge Voltage (Human Body model) (2)
2.
JEDEC Std JESD22-A114A (C1=100 pF, R1 = 1500
Ω, R2 = 500 Ω).
–2000
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com