Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VME6TP Datasheet(PDF) 42 Page - STMicroelectronics

Part # M25P64-VME6TP
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VME6TP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M25P64-VME6TP Datasheet HTML 38Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 39Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 40Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 41Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 42Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 43Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 44Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 45Page - STMicroelectronics M25P64-VME6TP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
DC and AC parameters
M25P64
42/49
1.
tCH + tCL must be greater than or equal to 1/ fC(max)
2.
Value guaranteed by characterization, not 100% tested in production.
3.
Expressed as a slew-rate.
4.
Only applicable as a constraint for a WRSR instruction when SRWD is set at 1.
5.
When using the Page Program (PP) instruction to program consecutive Bytes, optimized timings are obtained with one
sequence including all the Bytes versus several sequences of only a few Bytes. (1
≤n ≤256).
6.
VPPH should be kept at a valid level until the program or erase operation has completed and its result (success or failure) is
known.
Table 14.
AC characteristics
Test conditions specified in Table 10 and Table 11
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock Frequency for the following instructions: FAST_READ,
PP, SE, BE, RES, WREN, WRDI, RDID, RDSR, WRSR
D.C.
50
MHz
fR
Clock Frequency for READ instructions
D.C.
20
MHz
tCH
(1)
tCLH Clock High Time
9
ns
tCL
(1)
tCLL Clock Low Time
9
ns
tCLCH
(2)
Clock Rise Time(3) (peak to peak)
0.1
V/ns
tCHCL
(2)
Clock Fall Time(3) (peak to peak)
0.1
V/ns
tSLCH
tCSS S Active Setup Time (relative to C)
5
ns
tCHSL
S Not Active Hold Time (relative to C)
5
ns
tDVCH
tDSU Data In Setup Time
2
ns
tCHDX
tDH Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
5
ns
tSHCH
S Not Active Setup Time (relative to C)
5
ns
tSHSL
tCSH S Deselect Time
100
ns
tSHQZ
(2)
tDIS Output Disable Time
8
ns
tCLQV
tV
Clock Low to Output Valid
8
ns
tCLQX
tHO Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
5
ns
tCHHH
HOLD Hold Time (relative to C)
5
ns
tHHCH
HOLD Setup Time (relative to C)
5
ns
tCHHL
HOLD Hold Time (relative to C)
5
ns
tHHQX
(2)
tLZ
HOLD to Output Low-Z
8
ns
tHLQZ
(2)
tHZ
HOLD to Output High-Z
8
ns
tWHSL
(4)
Write Protect Setup Time
20
ns
tSHWL
(4)
Write Protect Hold Time
100
ns
tVPPHSL
(6)
Enhanced Program Supply Voltage High to Chip Select Low
200
ns
tW
Write Status Register Cycle Time
5
15
ms
tPP
(5)
Page Program Cycle Time (256 Bytes)
1.4
5ms
Page Program Cycle Time (n Bytes)
0.4+ n*1/256
Page Program Cycle Time (VPP = VPPH) (256 Bytes)
0.35
ms
tSE
Sector Erase Cycle Time
1
3
s
Sector Erase Cycle Time (VPP = VPPH)0.5
s
tBE
Bulk Erase Cycle Time
68
160
s
Bulk Erase Cycle Time (VPP = VPPH)35
160
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com