Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FCT Datasheet(PDF) 43 Page - STMicroelectronics

Part # M28W640FCT
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M28W640FCT_06 Datasheet HTML 39Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 40Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 41Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 42Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 43Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 44Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 45Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 46Page - STMicroelectronics M28W640FCT_06 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
M28W640FCT, M28W640FCB
DC and AC parameters
43/77
Figure 11.
Power-Up and Reset AC waveforms
Table 19.
Power-Up and Reset AC characteristics
Symbol
Parameter
Test Condition
M28W640FCT,
M28W640FCB
Unit
70
85
90
10
tPHWL
tPHEL
tPHGL
Reset High to Write Enable Low,
Chip Enable Low, Output Enable
Low
During
Program
and Erase
Min
505050
50
µs
others
Min
30
30
30
30
ns
tPLPH
(1)(2)
1.
The device Reset is possible but not guaranteed if tPLPH < 100ns
2.
Sampled only, not 100% tested.
Reset Low to Reset High
Min
100
100
100
100
ns
tVDHPH
(3)
3.
It is important to assert RP in order to allow proper CPU initialization during power up or reset.
Supply Voltages High to Reset
High
Min
505050
50
µs
AI03537b
tPHWL
tPHEL
tPHGL
RP
W, E, G
VDD, VDDQ
tVDHPH
tPHWL
tPHEL
tPHGL
tPLPH
Power-Up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com