Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F400BT Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29F400BT
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F400BT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29F400BT_06 Datasheet HTML 32Page - STMicroelectronics M29F400BT_06 Datasheet HTML 33Page - STMicroelectronics M29F400BT_06 Datasheet HTML 34Page - STMicroelectronics M29F400BT_06 Datasheet HTML 35Page - STMicroelectronics M29F400BT_06 Datasheet HTML 36Page - STMicroelectronics M29F400BT_06 Datasheet HTML 37Page - STMicroelectronics M29F400BT_06 Datasheet HTML 38Page - STMicroelectronics M29F400BT_06 Datasheet HTML 39Page - STMicroelectronics M29F400BT_06 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
M29F400BT, M29F400BB
Revision history
39/40
Revision history
Table 21.
Document revision history
Date
Revision
Changes
July 1999
First Issue
09/21/99
Chip Erase Max. specification added (Table 8.)
Block Erase Max. specification added (Table 8.)
Program Max. specification added (Table 8.)
Chip Program Max. specification added (Table 8.)
ICC1 and ICC3 Typ. specification added (Table 11.)
10/04/99
ICC3 Test Condition change (Table 11.)
07/28/00
1.1
New document template
Document type: from Preliminary Data to Data Sheet
Status Register bit DQ5 clarification
Data Polling Flowchart diagram change (Figure 4.)
Data Toggle Flowchart diagram change (Figure 5.)
19-Sep-2005
2.0
Table 18. Ordering Information Scheme: standard package added
and ECOPACK version added for both standard package and Tape &
Reel packing.
TSOP48 Mechanical Data updated. SO44 525mm width changed to
500mm width.
20-Jul-2006
3
Document converted to new ST template. Small text changes.
Figure 12: TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm,
package outline updated.
12-Dec-2006
4
Updated Table 18: Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com