Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81M6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T81M6F
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81M6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T81M6F Datasheet HTML 17Page - STMicroelectronics M41T81M6F Datasheet HTML 18Page - STMicroelectronics M41T81M6F Datasheet HTML 19Page - STMicroelectronics M41T81M6F Datasheet HTML 20Page - STMicroelectronics M41T81M6F Datasheet HTML 21Page - STMicroelectronics M41T81M6F Datasheet HTML 22Page - STMicroelectronics M41T81M6F Datasheet HTML 23Page - STMicroelectronics M41T81M6F Datasheet HTML 24Page - STMicroelectronics M41T81M6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
M41T81
Maximum rating
21/30
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Caution:
Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-
up Mode
Table 6.
Absolute maximum ratings
Sym
Parameter
Value
Unit
TSTG
Storage temperature (VCC off,
oscillator off)
SOIC
–55 to 125
°C
VCC
Supply voltage
–0.3 to 7
V
TSLD
Lead solder temperature for 10
seconds
Lead-free lead finish(1)
1.
For SO8 package, lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C for greater
than 30 seconds).
260
°C
Standard (SnPb)
lead finish(2)
2.
For SO8 package, standard (SnPb) lead finish: Reflow at peak temperature of 240°C (total thermal budget not to exceed 180°C for between
90 to 150 seconds).
240
°C
VIO
Input or output voltages
–0.3 to Vcc+0.3
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com