Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T81 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T81 Datasheet HTML 9Page - STMicroelectronics M41T81 Datasheet HTML 10Page - STMicroelectronics M41T81 Datasheet HTML 11Page - STMicroelectronics M41T81 Datasheet HTML 12Page - STMicroelectronics M41T81 Datasheet HTML 13Page - STMicroelectronics M41T81 Datasheet HTML 14Page - STMicroelectronics M41T81 Datasheet HTML 15Page - STMicroelectronics M41T81 Datasheet HTML 16Page - STMicroelectronics M41T81 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
M41T81
Clock operation
13/30
3
Clock operation
The 20-byte Register Map (see Table 2 on page 14) is used to both set the clock and to read
the date and time from the clock, in a binary coded decimal format. Tenths/Hundredths of
Seconds, Seconds, Minutes, and Hours are contained within the first four registers.
Note:
The Tenths/Hundredths of Seconds cannot be written to any value other than “00.”
Bits D6 and D7 of Clock Register 03h (Century/Hours Register) contain the CENTURY
ENABLE Bit (CEB) and the CENTURY Bit (CB). Setting CEB to a '1' will cause CB to toggle,
either from '0' to '1' or from '1' to '0' at the turn of the century (depending upon its initial
state). If CEB is set to a '0,' CB will not toggle. Bits D0 through D2 of Register 04h contain
the Day (day of week). Registers 05h, 06h, and 07h contain the Date (day of month), Month
and Years. The ninth clock register is the Control Register (this is described in the Clock
Calibration section). Bit D7 of Register 01h contains the STOP Bit (ST). Setting this bit to a
'1' will cause the oscillator to stop. If the device is expected to spend a significant amount of
time on the shelf, the oscillator may be stopped to reduce current drain. When reset to a '0'
the oscillator restarts within one second.
The eight Clock Registers may be read one byte at a time, or in a sequential block. Provision
has been made to assure that a clock update does not occur while any of the eight clock
addresses are being read. If a clock address is being read, an update of the clock registers
will be halted. This will prevent a transition of data during the READ.
3.1
Power-down time-stamp
When a power failure occurs, the HT Bit will automatically be set to a '1.' This will prevent the
clock from updating the TIMEKEEPER® registers, and will allow the user to read the exact
time of the power-down event. Resetting the HT Bit to a '0' will allow the clock to update the
TIMEKEEPER registers with the current time. For more information, see Application Note
AN1572.
3.2
Clock registers
The M41T81 offers 20 internal registers which contain Clock, Alarm, Watchdog, Flag,
Square Wave and Control data. These registers are memory locations which contain
external (user accessible) and internal copies of the data (usually referred to as BiPORT™
cells). The external copies are independent of internal functions except that they are
updated periodically by the simultaneous transfer of the incremented internal copy. The
internal divider (or clock) chain will be reset upon the completion of a WRITE to any clock
address.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume either due to a Stop Condition or when
the pointer increments to any non-clock address (08h-13h).
Clock and Alarm Registers store data in BCD. Control, Watchdog and Square Wave
Registers store data in Binary Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com