Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9733
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 3Page - STMicroelectronics L9733 Datasheet HTML 4Page - STMicroelectronics L9733 Datasheet HTML 5Page - STMicroelectronics L9733 Datasheet HTML 6Page - STMicroelectronics L9733 Datasheet HTML 7Page - STMicroelectronics L9733 Datasheet HTML 8Page - STMicroelectronics L9733 Datasheet HTML 9Page - STMicroelectronics L9733 Datasheet HTML 10Page - STMicroelectronics L9733 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
L9733
Pin description
7/33
19
DRN5
Drain Pin of Configurable Driver #5 (0.7
Ω Rds
on @+25°)
20
DRN6
Drain Pin of Configurable Driver #6 (0.7
Ω Rds
on @+25°)
21
SRC6
Source Pin of Configurable Driver #6 (0.7
Ω Rds
on @+25°)
22
SRC7
Source Pin of Configurable Driver #7 (0.7
Ω Rds
on @+25°)
23
DRN7
Drain Pin of Low Side Driver #7 (0.7
Ω Rds
on @+25°)
24
DRN8
Drain Pin of Low Side Driver #8 (0.7
Ω Rds
on @+25°)
25
SRC8
Source Pin of Configurable Driver #8 (0.7
Ω Rds
on @+25°)
26
DI
SPI Data In
27
DO
SPI Data Out
28
VDO
Microcontroller Logic Interface Voltage
Table 1.
Pin Description (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com