Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8832IBRGYRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8832IBRGYRG4
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8832IBRGYRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8832IBRGYRG4 Datasheet HTML 9Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 10Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 11Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 12Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 13Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 14Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 15Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 16Page - Texas Instruments DAC8832IBRGYRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 3 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 3 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 3 V
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
0.75
0.50
0.25
0
−0.25
−0.50
Reference Voltage (V)
0.5
1.5
2.5
3.5
3.0
2.0
1.0
DNL
INL
−60 −40 −20
0
20
40
60
80
140
120
100
Temperature (
_C)
V
DD = 3 V
V
REF = 2.5 V
Bipolar Mode
Unipolar Mode
0.50
0.25
0
−0.25
−0.50
−0.75
8192
0
300
250
200
150
100
50
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
V
REF = 1.5 V
DAC8832
SBAS380A – FEBRUARY 2006 – REVISED APRIL 2006
TYPICAL CHARACTERISTICS: V
DD = +3 V (continued)
At T
A = +25°C, VREF = +2.5 V unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 31.
Figure 32.
LINEARITY ERROR
GAIN ERROR
vs REFERENCE VOLTAGE
vs TEMPERATURE
Figure 33.
Figure 34.
ZERO-CODE ERROR
REFERENCE CURRENT
vs TEMPERATURE
vs CODE (UNIPOLAR MODE)
Figure 35.
Figure 36.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com