Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FCT85N1F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M28W640FCT85N1F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N1F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M28W640FCT85N1F Datasheet HTML 24Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 25Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 26Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 27Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 28Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 29Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 30Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 31Page - STMicroelectronics M28W640FCT85N1F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
Block locking
M28W640FCT, M28W640FCB
28/77
5.4
Lock-Down state
Blocks that are Locked-Down (state (0,1,x))are protected from program and erase
operations (as for Locked blocks) but their protection status cannot be changed using
software commands alone. A Locked or Unlocked block can be Locked-Down by issuing the
Lock-Down command. Locked-Down blocks revert to the Locked state when the device is
reset or powered-down.
The Lock-Down function is dependent on the WP input pin. When WP=0 (VIL), the blocks in
the Lock-Down state (0,1,x) are protected from program, erase and protection status
changes. When WP=1 (VIH) the Lock-Down function is disabled (1,1,1) and Locked-Down
blocks can be individually unlocked to the (1,1,0) state by issuing the software command,
where they can be erased and programmed. These blocks can then be relocked (1,1,1) and
unlocked (1,1,0) as desired while WP remains high. When WP is low , blocks that were
previously Locked-Down return to the Lock-Down state (0,1,x) regardless of any changes
made while WP was high. Device reset or power-down resets all blocks , including those in
Lock-Down, to the Locked state.
5.5
Locking Operations during Erase Suspend
Changes to block lock status can be performed during an erase suspend by using the
standard locking command sequences to unlock, lock or lock-down a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block locking during an erase operation, first write the Erase Suspend command,
then check the status register until it indicates that the erase operation has been
suspended. Next write the desired Lock command sequence to a block and the lock status
will be changed. After completing any desired lock, read, or program operations, resume the
erase operation with the Erase Resume command.
If a block is locked or locked-down during an erase suspend of the same block, the locking
status bits will be changed immediately, but when the erase is resumed, the erase operation
will complete.
Locking operations cannot be performed during a program suspend. Refer to Appendix D,
Command Interface and Program/Erase Controller State, for detailed information on which
commands are valid during erase suspend.
Table 9.
Block Lock status
Item
Address
Data
Block Lock Configuration
xx002
LOCK
Block is Unlocked
DQ0=0
Block is Locked
DQ0=1
Block is Locked-Down
DQ1=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com